PART |
Description |
Maker |
LPC2387FBD100551 LPC2387FBD100 |
Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC; Package: SOT407-1 (LQFP100); Container: Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PQFP100
|
NXP Semiconductors N.V.
|
LPC2157 LPC2158 LPC215709 LPC2157FBD100551 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver, SOT407-1 (LQFP100), Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP100 Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
|
NXP Semiconductors N.V.
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
SH7041 |
(SH7040 - SH7055) 32-Bit Single-Chip RISC Microprocessor
|
Renesas Technology
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
IDT79RV4650-100DP IDT79RV4650-100DPI IDT79RV4650-1 |
EMBEDDED 64-BIT ORION ? RISC MICROPROCESSOR Low-Cost 64-bit RISController w/DSP Capability DEMAK9S 64-BIT, 100 MHz, RISC PROCESSOR, PQFP208 EMBEDDED 64-BIT ORION RISC MICROPROCESSOR 64-BIT, 200 MHz, RISC PROCESSOR, PQFP208 EMBEDDED 64-BIT ORION RISC MICROPROCESSOR 64-BIT, 150 MHz, RISC PROCESSOR, PQFP208 EMBEDDED 64-BIT ORION RISC MICROPROCESSOR 64-BIT, 133 MHz, RISC PROCESSOR, PQFP208
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
M32171F2VFP M32171F3VFP M32171F4VFP |
32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
|
Renesas Electronics Corporation
|
M16C30L M16C30M8 M16C30MA M16C30MC M3030M8 M3030MA |
16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 14 X 20 MM, 0.65 MM PITCH, PLASTIC, QFP-100 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16CMOS微机 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 (M30302Mx) Single-Chip 16-Bit CMOS Microcomputer
|
Renesas Electronics, Corp. Renesas Electronics Corporation. http://
|
UPD78F4225 UPD78F4225GC-8BT UPD78F4225Y UPD78F4225 |
80-pin general-purpose 16-bit single-chip microcomputer 16-bit single-chip microcomputer for system control System control 16-bit single-chip microcomputer 64KB flash memory on-chip 16-bit of 78K/4 Series Analog amplifier: I2C on-chip ROM 96K version VTR servo application 16-bit single-chip micon having 78K4 Series 32KB memory 16-bit single chip microcomputer(for VTR servo microcomputer) Analog amplifier I2C flash memory 128K version VTR 16-bit single having 78K/4 Series 32KB memory
|
NEC
|
PIC16F627A-I_ML PIC16F627A-I_P PIC16F627A-I_SO PIC |
Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO18 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC28 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO20 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP18
|
Microchip Technology
|